|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DomiLED InGaN BL-PDx-DJx * * * * * * High brightness surface mount LED. Based on InGaN / Sapphire technology. 120 viewing angle. Small package outline (LxWxH) of 2.8 x 3.2 x 1.8 mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to both IR reflow soldering and TTW soldering. Part Ordering Number Chip Technology / Color InGaN / Blue, 470 nm Viewing angle 120 Luminous Intensity @ If = 20mA Iv ( mcd ) 45.0 ... 112.5 45.0 ... 56.0 ... 71.5 ... 90.0 ... 56.0 71.5 90.0 112.5 BL-PDB-DJS-C10 - Bin - Bin - Bin - Bin P1 P2 Q1 Q2 BL-PDB-DJS-C20 - Bin - Bin - Bin - Bin InGaN / Blue, 470 nm 120 71.5 ... 180.0 71.5 ... 90.0 ... 112.5 ... 140.0 ... 90.0 112.5 140.0 180.0 Q1 Q2 R1 R2 BL-PDT-DJS-C10 - Bin - Bin - Bin - Bin InGaN / True Green 120 180.0 ... 450.0 180.0 ... 224.0 224.0 ... 285.0 285.0 ... 355.0 355.0 ... 450.0 S1 S2 T1 T2 BL-PDT-DJS-C20 - Bin - Bin - Bin - Bin InGaN / True Green 120 224.0 ... 560.0 224.0 ... 285.0 285.0 ... 355.0 355.0 ... 450.0 450.0 ... 560.0 S2 T1 T2 U1 BL-PDW-DJD-C10 - Bin - Bin - Bin - Bin InGaN / White 120 180.0 ... 450.0 180.0 ... 224.0 224.0 ... 285.0 285.0 ... 355.0 355.0 ... 450.0 S1 S2 T1 T2 BL-PDW-DJD-C20 - Bin - Bin - Bin - Bin InGaN / White 120 450.0 ... 1125.0 450.0 ... 560.0 560.0 ... 715.0 715.0 ... 900.0 900.0 ... 1125.0 U1 U2 V1 V2 *Not for new design NOTE: 1. All part number above comes in a quantity of 2000 units per reel. 2. Other luminous intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of 11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 5. An optional Vf binning is also available upon request. Binning scheme is as per following table. Electrical Characteristics at Ta=25C. Vf @ If = 20mA Part Number BL-PDB, BL-PDW BL-PDT Min. (V) 3.0 3.0 Typ. (V) 3.2 3.4 Max. (V) 3.8 4.0 Vr @ Ir = 10uA Min.(V) 5 5 Forward voltage, Vf is measured with an accuracy of 0.1 V. Wavelength Grouping. Color BL-PDB; Blue Group Full W X Y Wavelength distribution (nm) 464 - 476 464 - 468 468 - 472 472 - 476 520- 536 520 - 524 524 - 528 528 - 532 532 - 536 BL-PDT; True Green Full W X Y Z Dominant wavelength is measured with an accuracy of 1 nm. BL-PDW, Whiteled color Grouping Dom inant White Bin Structure 0.43 0.42 0.41 0.40 0.39 0.38 0.37 0.36 0.35 0.34 0.33 0.32 0.31 0.30 0.29 0.28 0.27 0.26 0.25 0.24 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 E3 E1 E4 C3 C4 E2 C1 A3 C2 A1 A4 A2 Chromaticity coordinate groups are measured with an accuracy of 0.01. Bin A1 A2 A3 A4 C1 C2 C3 C4 Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy 0.2775 0.2732 0.2775 0.2557 0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179 W 0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179 0.3275 0.3561 0.3275 0.3386 0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354 0.3275 0.3736 0.3275 0.3561 0.2775 0.2907 0.2775 0.2732 0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354 Bin E1 Cx Cy E2 Cx Cy E3 Cx Cy E4 Cx Cy 0.3275 0.3561 0.3275 0.3386 0.3400 0.3768 0.3400 0.3593 X 0.3400 0.3768 0.3400 0.3593 0.3525 0.3975 0.3525 0.3800 0.3400 0.3943 0.3400 0.3768 0.3525 0.4150 0.3525 0.3975 0.3275 0.3736 0.3275 0.3561 0.3400 0.3943 0.3400 0.3768 Absolute Maximum Ratings. Maximum Value DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature ) 20 200 5 100 -40 ... +85 -40 ... +100 73 Unit mA mA V C C C mW Recommended Solder Pad Relative luminous intensity vs. forward current. Intensity vs. DC Forward Current Relative intensity. Normalized at 20 mA. 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 FORWARD CURRENT (mA) Forward current vs. forward voltage. Forward Current (mA) vs. Forward Voltage 40 35 Forward Current (mA) 30 25 20 15 10 5 0 1 1.5 2 2.5 3 3.5 4 4.5 5 Forward Voltage (V) Radiation pattern. 30 20 10 0 1.0 Maximum forward current vs. temperature. 25 40 0.8 Forward Current, If 20 15 50 0.6 10 60 0.4 5 70 80 90 0.2 0 0 10 20 30 40 50 60 70 80 90 Ambient Temperature 0 Relative Intensity vs. Wavelength Relative Spectral Emission 1.0 0.9 0.8 White Dominant Wavelength vs. Forward Current Wavelength vs. Forward Current 470 469.5 469 535 533 531 529 Blue 527 525 523 Green 521 519 517 515 10 20 30 40 50 Relative Intensity 0.7 Blue 0.6 0.5 True Green 468.5 468 467.5 467 466.5 466 0.4 0.3 0.2 0.1 0.0 400 450 500 550 600 650 700 750 800 Wavelength (nm) Taping And Orientation. Reels come in quantity of 8000 units or 2000 units. Reel diameters are 330 mm and 180 mm respectively. Recommended Sn-Pb IR-Reflow Soldering Profile. Classification Reflow Profile (JEDEC J-STD-020C) 275 250 225 Ramp-up 3 oC/sec 60-150s 235-240oC 10-30s Temperature ( C) 200 175 150 125 100 75 50 25 0 o 183 oC Ramp-dow n 6 oC/sec max. Preheat 60-120s 360s max 50 100 150 200 Time (sec) Recommended Pb Free IR-Reflow Soldering Profile. Classification Reflow Profile (JEDEC J-STD-020C) 300 275 250 Ramp-up 3 oC/sec 60-150s 260-255oC 10-30s Temperature ( C) 225 200 175 150 125 100 75 50 25 0 217 oC o Ramp-down 6 oC/sec max. Preheat 60-180s 480s max 50 100 150 200 Time (sec) |
Price & Availability of BL-PDW-DJD-C10 |